Part Number Hot Search : 
LTM4623 88523 MCP2155 RL204 ZPD20 RTL8208 L31Y5R6K 25L64
Product Description
Full Text Search
 

To Download 74LVTH244MTCX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVT244 * 74LVTH244 Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
July 1999 Revised March 2005
74LVT244 * 74LVTH244 Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
General Description
The LVT244 and LVTH244 are octal buffers and line drivers designed to be employed as memory address drivers, clock drivers and bus oriented transmitters or receivers which provide improved PC board density. The LVTH244 data inputs include bushold, eliminating the need for external pull-up resistors to hold unused inputs. These octal buffers and line drivers are designed for lowvoltage (3.3V) VCC applications, but with the capability to provide a TTL interface to a 5V environment. The LVT244 and LVTH244 are fabricated with an advanced BiCMOS technology to achieve high speed operation similar to 5V ABT while maintaining low power dissipation.
Features
s Input and output interface capability to systems at 5V VCC s Bushold data inputs eliminate the need for external pull-up resistors to hold unused inputs (74LVTH244), also available without bushold feature (74LVT244) s Live insertion/extraction permitted s Power Up/Down high impedance provides glitch-free bus loading s Outputs source/sink 32 mA/64 mA s Functionally compatible with the 74 series 244 s Latch-up performance exceeds 500 mA s ESD performance:
Human-body model ! 2000V Machine model ! 200V Charged-device model ! 1000V
Ordering Code:
Order Number 74LVT244WM 74LVT244WMX_NL (Note 1) 74LVT244SJ 74LVT244MSA 74LVT244MTC 74LVT244MTCX_NL (Note 1) 74LVTH244WM 74LVTH244SJ 74LVTH244MSA 74LVTH244MTC 74LVTH244MTCX_NL (Note 1) Package Number M20B M20B M20D MSA20 MTC20 MTC20 M20B M20D MSA20 MTC20 MTC20 Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Pb-Free 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Device also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code. Pb-Free package per JEDEC J-STD-020B. Note 1: "_NL" indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
(c) 2005 Fairchild Semiconductor Corporation
DS500154
www.fairchildsemi.com
74LVT244 * 74LVTH244
Logic Symbol
IEEE/IEC
Pin Descriptions
Pin Names OE1, OE2 Description 3-STATE Output Enable Inputs I0-I7 O0-O7 Inputs Output
Truth Tables
Inputs OE1 L L H In L H X Inputs OE2 L L H
H HIGH Voltage Level L LOW Voltage Level X Immaterial Z High Impedance
Outputs (Pins 12, 14, 16, 18) L H Z Outputs In L H X (Pins 3, 5, 7, 9) L H Z
Connection Diagram
www.fairchildsemi.com
2
74LVT244 * 74LVTH244
Absolute Maximum Ratings(Note 2)
Symbol VCC VI VO IIK IOK IO ICC IGND TSTG Parameter Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current DC Supply Current per Supply Pin DC Ground Current per Ground Pin Storage Temperature Value Conditions Units V V Output in 3-STATE Output in HIGH or LOW State (Note 3) VI GND VO GND VO ! VCC VO ! VCC Output at HIGH State Output at LOW State V V mA mA mA mA mA
0.5 to 4.6 0.5 to 7.0 0.5 to 7.0 0.5 to 7.0 50 50
64 128
r64 r128 65 to 150
qC
Recommended Operating Conditions
Symbol VCC VI IOH IOL TA Supply Voltage Input Voltage HIGH-Level Output Current LOW-Level Output Current Free-Air Operating Temperature Input Edge Rate, VIN 0.8V-2.0V, VCC 3.0V Parameter Min 2.7 0 Max 3.6 5.5 Units V V mA
32
64
40
0
85 10
qC
ns/V
't/'V
Note 2: Absolute Maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute maximum rated conditions is not implied. Note 3: IO Absolute Maximum Rating must be observed.
3
www.fairchildsemi.com
74LVT244 * 74LVTH244
DC Electrical Characteristics
Symbol VIK VIH VIL VOH Parameter Input Clamp Diode Voltage Input HIGH Voltage Input LOW Voltage Output HIGH Voltage VCC (V) 2.7 2.7-3.6 2.7-3.6 2.7-3.6 2.7 3.0 VOL Output LOW Voltage 2.7 2.7 3.0 3.0 3.0 II(HOLD) (Note 5) II(OD) (Note 5) II Bushold Input Over-Drive Current to Change State Input Current Control Pins Data Pins IOFF IPU/PD IOZL IOZH IOZH ICCH ICCL ICCZ ICCZ Power Off Leakage Current Power up/down 3-STATE Output Current 3-STATE Output Leakage Current 3-STATE Output Leakage Current 3-STATE Output Leakage Current Power Supply Current Power Supply Current Power Supply Current Power Supply Current Increase in Power Supply Current (Note 8)
Note 4: All typical values are at VCC 3.3V, TA 25qC. Note 5: Applies to bushold versions only (74LVTH244). Note 6: An external driver must source at least the specified current to switch from LOW-to-HIGH. Note 7: An external driver must sink at least the specified current to switch from HIGH-to-LOW. Note 8: This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND.
T A 40qC to 85qC Min Typ (Note 4) Max Units V V V V V 0.2 0.5 0.4 0.5 0.55 75 V V V V V II Conditions
1.2
2.0 0.8 VCC0.2 2.4 2.0
18 mA
VO d 0.1V or VO t VCC 0.1V IOH IOH IOH IOL IOL IOL IOL IOL VI VI
100 PA 8 mA 32 mA
100 PA 24 mA 16 mA 32 mA 64 mA 0.8V 2.0V
Bushold Input Minimum Drive
3.0 3.0 3.6 3.6 3.6 0 0-1.5V 3.6 3.6 3.6 3.6 3.6 3.6 3.6 3.6
PA PA PA PA
10
75
500
(Note 6) (Note 7) VI VI VI VI VO VI VO VO 5.5V 0V or VCC 0V VCC 0.5V to 3.0V GND or VCC 0.5V 3.0V
500 r1 5
1
PA PA PA PA PA PA PA PA PA
mA mA mA mA mA
r100 r100 5
5 10 0.19 5 0.19 0.19 0.2
0V d VI or VO d 5.5V
VCC VO d 5.5V Outputs HIGH Outputs LOW Outputs Disabled VCC d VO d 5.5V, Outputs Disabled One Input at VCC 0.6V Other Inputs at VCC or GND
'ICC
Dynamic Switching Characteristics (Note 9)
Symbol VOLP VOLV Parameter Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL VCC (V) 3.3 3.3 Min TA 25qC Units Typ 0.8 Max V V CL Conditions 50 pF, RL (Note 10) (Note 10) 500:
0.8
Note 9: Characterized in SOIC package. Guaranteed parameter, but not tested. Note 10: Max number of outputs defined as (n). n1 data inputs are driven 0V to 3V. Output under test held LOW.
www.fairchildsemi.com
4
74LVT244 * 74LVTH244
AC Electrical Characteristics
TA 40qC to 85qC CL 50 pF, RL 500: Symbol Parameter Min tPLH tPHL tPZH tPZL tPHZ tPLZ tOSHL tOSLH Output to Output Skew (Note 12)
3.3V, T A 25qC.
VCC
3.3V r 0.3V Typ (Note 11) Max 3.8 3.9 4.5 4.4 4.9 4.4 1.0
VCC Min 1.1 1.3 1.1 1.4 1.9 1.8
2.7V Max 4.0 4.2 5.3 5.0 5.1 4.4 1.0
Units
Propagation Delay Data to Output Output Enable Time Output Disable Time
1.1 1.3 1.1 1.4 1.9 1.8
ns ns ns ns
Note 11: All typical values are at VCC
Note 12: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Capacitance (Note 13)
Symbol CIN COUT Parameter Input Capacitance Output Capacitance VCC VCC 0V, VI 3.0V, VO Conditions 0V or VCC 0V or VCC Typical 3 6 Units pF pF
Note 13: Capacitance is measured at frequency f
1 MHz, per MIL-STD-883, Method 3012.
5
www.fairchildsemi.com
74LVT244 * 74LVTH244
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M20B
www.fairchildsemi.com
6
74LVT244 * 74LVTH244
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M20D
7
www.fairchildsemi.com
74LVT244 * 74LVTH244
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide Package Number MSA20
www.fairchildsemi.com
8
74LVT244 * 74LVTH244 Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC20
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 9 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LVTH244MTCX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X